Part Number Hot Search : 
1N540007 331M1 00BZI 4060BD T71C15DC EL4093C FPT100B GL128P11
Product Description
Full Text Search
 

To Download TPG0305S-3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpg-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description the tpg-3w series are miniature, isolated 3w dc/dc converters in a sip package.they offer the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost, the series offers smaller size, improved efficiency, lower output ripple noise and 3kvdc isolation. 3w 3kvdc isolated single output dc/dc converters features rohs compliant ce certification efficiency from 81% to 88% operating temperature :-40 to 105 ul 94v-0 package material industry standard pinout 3kvdc isolation input voltage: 3.3v, 5v, 12v, 15v, 24v,48v output voltage: 3.3v, 5v, 9v, 12v, 15v,24v internal smd construction selection guide part number nominal input voltage output voltage output current (max./min) load regulation (max) efficiency (typ.) v v ma % % TPG0305S-3W 3.3 5 600/60 7.4 78 tpg0503s-3w 5 3.3 909/90.9 8.0 80 tpg0505s-3w 5 5 600/60 7.4 83 tpg0509s-3w 5 9 333/33.3 6.1 86 tpg0512s-3w 5 12 250/25 5.1 87 tpg0515s-3w 5 15 200/20 4.5 87 tpg0524s-3w 5 24 125/12.5 4.5 87 tpg1203s-3w 12 3.3 909/90.9 8.0 80 tpg1205s-3w 12 5 600/60 4.8 83 tpg1209s-3w 12 9 333/33.3 3.2 87 tpg1212s-3w 12 12 250/25 2.9 88 tpg1215s-3w 12 15 200/20 2.5 88 tpg1224s-3w 12 24 125/12.5 4.5 87 tpg1505s-3w 15 5 600/60 7.4 80 tpg1515s-3w 15 15 200/20 2.5 80 tpg2403s-3w 24 3.3 909/90.9 7.4 76 tpg2405s-3w 24 5 600/60 6.5 83 tpg2409s-3w 24 9 333/33.3 3.2 83 tpg2412s-3w 24 12 250/25 2.9 84 tpg2415s-3w 24 15 200/20 2.5 84 tpg2424s-3w 24 24 125/12.5 4.5 87 tpg4805s-3w 48 5 600/60 6.5 83 tpg4812s-3w 48 12 250/25 2.9 83 add suffix ?p? for continuous short circuit protection, for example tpg0505sp-3w. general characteristics paramete r conditions min. t yp . max. units switchin g fre q uenc y 65 khz input characteristics parameter conditions min. typ. max. units voltage range 3.3v input types 2.9 3.3 3.6 v voltage range 5v input types 4.5 5 5.5 v voltage range 12v input types 11 12 13.2 v voltage range 15v input types 13.4 15 16.4 v voltage range 24v input types 21.6 24 26.4 v voltage range 48v input types 43 48 53 v reflected ripple current 8 15 ma p-p output characteristics paramete r conditions min. t yp . max. units rated powe r ta=-40c to 85c 3 w volta g e set point accurac y see tolerance envelo p e line regulation hi g h vin to low vin 1.0 1.2 %/% toppower
tpg-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1 second 3000 vdc resistance viso= 1000vdc 1 g ? absolute maximum ratings lead temperature 1.5mm from case for 10 seconds 300c internal power dissipation 700mw input voltage vin, tpg03 5.5v input voltage vin, tpg05 7v input voltage vin, tpg12 15v input voltage vin, tpg15 18v input voltage vin, tpg24 28v input voltage vin, tpg48 54v temper ature characteristics parameter conditions min. t yp. max. units specification derating if the temperature 85c -40 105 c storage -50 150 c case temperature above ambient tpg0505-3w 37 c case temperature above ambient tpg1205-3w 37 c case temperature above ambient all other output types 35 c cooling free air convection temperature derating graphs tolerance envelopes efficiency vs load tpg 5v input voltage tpg 12v input voltage 0% output load current(%) +5% v nom 2% 4% 100 75 50 25 10 t y p i c a l l o a d l i n e output voltage 60 70 80 90 3.3v 15v 12v 9v 5v 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 load(%) efficiency(%) 15v 12v 9v 5v 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 load(%) efficienc(%) 3.3v 60 70 80 90 4.5 3.0 1.5 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tpg-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 all dimensions in mm 0.25mm . all pins on a 2.54mm pitch and within 0.25mm of true position. weight: 2.8g mechanical dimensions pin connections sip package 7 pin sip pin function 1 +vin 2 -vin 4 -vout 6 +vout recommended footprint details tube outline dimensions soldering information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300c for 10 seconds. this series are backward compatible with sn/pb soldering systems. unless otherwise stated all dimensions in mm 0.5mm. 9.30 12.43 0.50 5.00 18.00 unless otherwise stated all dimensions in mm 0.5mm. tube length : 520mm 2mm. tube quantity : 25pcs 12.70 2.54 yyww tpg0505s-3w 19.50 0.55 0.45 1 24 6 2.00 7.50 10.00 4.60 3.60 0.55 0.45 0.30 0.20 1.25 bottom view toppower 4 holes 1.00 1.15 2.54 2.54 toppower


▲Up To Search▲   

 
Price & Availability of TPG0305S-3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X